Part Number Hot Search : 
2SD1227M MBI10 2SC2932 4665000 TA0449A IRG7PH 1N2432 D1246
Product Description
Full Text Search
 

To Download MSC4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MSC4000
RF AND MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS Features
* * * 3:1 VSWR AT RATED CONDITIONS HERMETIC STRIPAC(R) PACKAGE POUT = 0.5 W MIN. WITH 5.0 dB GAIN AT 4.0 GHz
DESCRIPTION:
The MSC4000 common-base, hermetically sealed silicon NPN microwave power transistor features a unique MicrogridTM TM structure and can withstand 3:1 VSWR at any phase angle under rated conditions. It is designed for Class C amplifier applications in the 2.0 - 4.4 GHz frequency range.
ABSOLUTE MAXIMUM RATINGS (TCASE = 25C) (TCASE 25
Symbol Parameter Value Unit
PDISS IC VCC TJ T STG
Power Dissipation* Device Current* Collector Supply Voltage* Junction Temperature (Pulsed RF Operation) Storage Temperature
3.89 0.15 30 +200 -65 to +200
W A V C C
THERMAL DATA
RTH(j-c) Junction-Case Thermal Resistance* 45 C/W
*Applies only to rated RF amplifier operation
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC4000
ELECTRICAL SPECIFICATIONS (TCASE = 25 C) (TCASE 25 STATIC
Symbol Test Conditions Min. Value Typ. Max. Unit
BVCBO BVEBO BVCER ICBO hFE
IC = 1 mA IE = 1 mA IC = 5 mA VBE = 28 V VCE = 5 V
IE = 0 mA IC = 0 mA RBE = 10 IC = 100 mA
45 3.5 45 --15
-----------
------0.5 120
V V V mA ---
DYNAMIC
Symbol Test Conditions Value Min. Typ. Max. Unit
POUT C GP COB
f = 4.0 GHz f = 4.0 GHz f = 4.0 GHz f = 1 MHz
PIN = 0.16 W PIN = 0.16 W PIN = 0.16 W VCB = 28 V
VCC = 28 V VCC = 28 V VCC = 28 V
0.5 25 5.0 ---
0.6 27 5.8 ---
------2.5
W % dB pF
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC4000
IMPEDANCE DATA
Freq. ZIN ( ) ZCL ( )
2.0 GHz 2.3 GHz 3.0 GHz 3.5 GHz 4.0 GHz 4.4 GHz
60.0 - j 85.0 42.0 - j 60.0 24.0 - j 17.5 24.0 + j 42.0 33.0 + j 90.0 50.0 + j 150.0
6.0 + j 22.0 4.5 + j 18.0 2.0 + j 5.5 2.0 + j 1.3 2.0 - j 10.0 5.0 - j 17.5
TEST CIRCUIT
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MSC4000
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MSC4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X